Part Number Hot Search : 
2412SE C74VH PM439 20121 TFH167A AT89C5 287RF MOC3083
Product Description
Full Text Search
 

To Download 396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  050118 website europe tel: +49 2302 662-107 americas tel: +1 404 699-7820 asia tel: +852 26 14-1108 china tel: +86 21 6432 5146 www.wickmanngroup .com e-mail: sales@wickmann.com e-mail: service@wickmannusa.com e-mail: sales@wickmann.com.hk e-mail: sales@wickmann.cn 8,5 0,5 min max. 8 l ? 0,6 5,08 1 +0,1 1,5 max. 4 50ma 0050 125v 900 45 0.0056 ? ? ? 63ma 0063 125v 800 50 0.009 ? ? ? 80ma 0080 125v 700 55 0.014 ? ? ? 100ma 0100 125v 600 60 0.025 ? ? ? 125ma 0125 125v 550 70 0.044 ? ? ? 160ma 0160 125v 480 80 0.058 ? ? ? 200ma 0200 125v 390 80 0.1 ? ? ? 250ma 0250 125v 350 90 0.17 ? ? ? 315ma 0315 125v 300 95 0.26 ? ? ? 400ma 0400 125v 250 100 0.32 ? ? ? 500ma 0500 125v 220 110 0.58 ? ? ? 630ma 0630 125v 210 135 0.75 ? ? ? 800ma 0800 125v 160 130 0.98 ? ? ? 1.00a 1100 125v 155 155 2.2 ? ? ? ? 1.25a 1125 125v 145 185 3.8 ? ? ? ? 1.60a 1160 125v 130 210 5.2 ? ? ? ? 2.00a 1200 125v 125 250 7.5 ? ? ? ? 2.50a 1250 125v 120 300 14 ? ? ? ? 3.15a 1315 125v 110 350 22 ? ? ? ? 4.00a 1400 125v 110 400 27 ? ? ? ? 5.00a 1500 125v 95 475 59 ? ? ? ? 6.30a 1630 125v 95 570 100 ? ? ? 100a / 125 v ac 50-60 hz cos ? = 1.0 1 1 1 ul cul meti-pse ccce s s s s s ubminia ubminia ubminia ubminia ubminia ture ture ture ture ture f f f f f uses uses uses uses uses dimensions (mm) dimensions (mm) dimensions (mm) dimensions (mm) dimensions (mm) long leads ( l=18.8 mm) short leads (l=4.3 mm) holes in pcb order order order order order qty. qty. qty. qty. qty. order- order- order- order- order- series series series series series amp code packaging amp code packaging amp code packaging amp code packaging amp code packaging information information information information information number number number number number 396 ul 248-14, 125 v ul 248-14, 125 v ul 248-14, 125 v ul 248-14, 125 v ul 248-14, 125 v , t , t , t , t , t leadfree leadfree leadfree leadfree leadfree t t t t t ime-current characteristic ime-current characteristic ime-current characteristic ime-current characteristic ime-current characteristic time lag (t) standard standard standard standard standard ul 248-14 csa c22.2 no. 248.14 approvals approvals approvals approvals approvals ul listed cul listed meti-pse ccce for china import features features features features features leadfree reduced pcb space requirements direct solderable or plug-in versions internationally approved low internal resistance shocksafe casing vibration resistant halogen free w w w w w eblinks eblinks eblinks eblinks eblinks further infos see: further infos see: further infos see: further infos see: further infos see: www.wickmanngroup.com further application infos see further application infos see further application infos see further application infos see further application infos see fuseology: fuseology: fuseology: fuseology: fuseology: www.wickmanngroup.com/download/ fuseology.pdf specifications specifications specifications specifications specifications packaging packaging packaging packaging packaging 000: tape/ammopack (1400 pcs.) 044: short leads - bulk (1400 pcs.) materials materials materials materials materials base/cap: brown thermoplastic polyamide pa 6.6, ul 94v0 round pins: copper, sn plated operating t operating t operating t operating t operating t emperature emperature emperature emperature emperature -40 oc to +85 oc (consider de-rating) climatic category climatic category climatic category climatic category climatic category -40 oc/+85 oc/21 days (en 60068-1,-2-1,-2-2,-78) stock conditions stock conditions stock conditions stock conditions stock conditions +10 oc to +60 oc relative humidity 75 % yearly average, without dew, maximum value for 30 days - 95 % vibration resistance vibration resistance vibration resistance vibration resistance vibration resistance 24 cycles at 15 min. each (iec 60068-6) 10 - 60 hz at 0.75 mm amplitude 60 - 2000 hz at 10 g acceleration lead pull strength lead pull strength lead pull strength lead pull strength lead pull strength 10 n (iec 60068-2-21) solderability solderability solderability solderability solderability 260 oc, 3 s (wave) 350 oc, 3 s (soldering iron) soldering heat resistance soldering heat resistance soldering heat resistance soldering heat resistance soldering heat resistance 260 oc, 10 s (iec 60068-2-20) marking marking marking marking marking , t, current rating, approvals unit weight unit weight unit weight unit weight unit weight 0.60 g (approx.) limits for pre-arcing time limits for pre-arcing time limits for pre-arcing time limits for pre-arcing time limits for pre-arcing time permissible continuous operating current is permissible continuous operating current is permissible continuous operating current is permissible continuous operating current is permissible continuous operating current is 70 70 70 70 70 % at ambient temperature of 23 % at ambient temperature of 23 % at ambient temperature of 23 % at ambient temperature of 23 % at ambient temperature of 23 oc (73.4 oc (73.4 oc (73.4 oc (73.4 oc (73.4 of). of). of). of). of). rated amp voltage breaking voltage drop power dissipation melting integral approvals current code rating capa city 1.0 x i n 1.0 x i n 10 x i n max. (mv) max. (mw) min. (a 2 s) rated current 2.0 x i n 50 ma ... 6.30 a < 60 s no. no. no. no. no. 396 / 396 / 396 / 396 / 396 / te5 te5 te5 te5 te5 ? ? ? ? ? specifications are subject to change without notice
050118 website europe tel: +49 2302 662-107 americas tel: +1 404 699-7820 asia tel: +852 26 14-1108 china tel: +86 21 6432 5146 www.wickmanngroup .com e-mail: sales@wickmann.com e-mail: service@wickmannusa.com e-mail: sales@wickmann.com.hk e-mail: sales@wickmann.cn t t t t t ime (sec.) ime (sec.) ime (sec.) ime (sec.) ime (sec.) contact wickmann for individual i-t curves i i i i i fault fault fault fault fault / i / i / i / i / i rated rated rated rated rated s s s s s ubminia ubminia ubminia ubminia ubminia ture ture ture ture ture f f f f f uses uses uses uses uses te5 ? / no. 396 396 396 396 396 23456789 110 0 . 0 0 1 0 . 0 1 0 . 1 1 1 0 1 0 0 1 , 0 0 0 1 0 , 0 0 0 1 0 0 , 0 0 0 15 1.5 ul 248-14 test value i-t characteristics (min-max limit)


▲Up To Search▲   

 
Price & Availability of 396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X